Part Number Hot Search : 
PIC33FJ 050DZ01 DSP16 A222MP 15KP40C KA75420Z 02100 T1210
Product Description
Full Text Search
 

To Download ST1209330ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
SMD TOROIDAL POWER FILTER CONFIGURATION & DIMENSIONSG
ABC'S DWG NO. ABC'S ITEM NO.
ST1209L-
O
4R7
A: A' : B: C: C' : D: C'
10.80 11.20 10.90 7.90 8.90 9.15
0.3 max. 0.3 typ. max. typ.
m/m m/m m/m m/m m/m m/m
D B
2 3
C
A A'
9.15
1
4
1.25
( PCB Pattern )
a
c
O
SCHEMATIC DIAGRAMG
10.80
12 34 b
O
MATERIALSG
aO CoreG Iron toroidal core bO CaseG PPS-R7 cO WireG Enamelled copper wire ( Class F ) dO AdhesiveG Epoxy resin eO RemarkG Products comply with RoHS' requirements
250
50sec max.
Peak TempG 260J max. Max time above 230J G 50sec max. Max time above 200J G 70sec max.
Temperature Rising Area +4.0J / sec max. Preheat Area 150 ~ 200 J / 60 ~ 120sec Reflow Area +2.0 ~ 4.0J Forced Cooling Area -(1.0 ~ 5.0)J / sec max.
Peak Temperature: 260J 230J
Temperature ( J )
1/4O
GENERAL SPECIFICATIONG
aO Temp. rise G 40J typ. bO Storage Temp.G -40J ----+125J cO Operating Temp.G -25J ----+125J dO Resistance to solder heatG 260J .10 Secs.
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 2
SMD TOROIDAL POWER FILTER ELECTRICAL CHARACTERISTICSG
Inductance @10KHz, 0.1 Vrms ( H ) 4.70 20% 13.00 20% 33.00 20%
ABC'S DWG NO. ABC'S ITEM NO.
ST1209L-
1/2O
DWG No.
RDC(m) ( Each Winding ) max. 18.0 38.0 86.0 typ. 13.7 28.8 66.3
Irms(A) typ. 5.4 4.0 2.6
Isat(A) typ. 5.10 3.00 1.85
ST12094R7ML- ST1209130ML- ST1209330ML-
1). Packaging information ... AG Bulk 2). "-
":Reference code
BG Taping Reel
3). Irms base on Temp. rise 40J typ. 4). Isat base on L/L0A=35H typ.
@ Inductance VS. DC Current Curve
40
@ DC Current VS. Temp. Rise ( T ) Curve
40
Temperature Rise(J)
Inductance(uH)
35 30 25 20 15 10 5 0 0
330
35 30 25 20 15 10 5 0 0 1
330 330
130 330
330 4R7
130 4R7
1
10
DC Current(A)
DC Current(A)
2
3
4
5
6
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
SMD TOROIDAL POWER FILTER PACKAGING INFORMATIONG
( 1 ) Configuration T
ABC'S DWG NO. ABC'S ITEM NO.
ST1209L-
3/4O
Cover Tape
2.00.5
A
i C
i
C
N
B
G 4 m/m
End
D
Embossed carrier
Carrier tape width : D
Start
P: 16m/m
4R7
4R7
4R7
4R7
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
]
2^
Dimensions : (m/m) Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0 T 30.4
]
3^
Q'TY & G.W. Per package : Inner : Reel Type ST1209
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (kg) Size (cm)
400
750
13 - 24
1600
4.0
40 x 40 x 24
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SMD TOROIDAL POWER FILTER DWGING NUMBER EXPRESSIONG
ABC'S DWG NO. ABC'S ITEM NO.
ST1209L-
O
S
T
1
2
0
9 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1G Product Classification LG Lead Free Standard products comply with RoHS' requirements 1 ~ 9G Lead Free Special products comply with RoHS' requirements
Appendix code 2G Package Information
Code A B
Inner Package T.B.D. T / R ( Reel Package )
Inner Package Q'TY T.B.D. 400 pcs
Remark
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SMD TOROIDAL POWER FILTER RELIABILITY TESTG
ABC'S DWG NO. ABC'S ITEM NO.
ST1209L-
Test item
Specification More than 95% of the terminal electrode Shall be covered With fresh solder.
Test condition Preheat : 155 J / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355J Flux : Rosin Dip time : 50.5 seconds
Solderability
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-25 J 30 minutes +125 J 30 minutes
Humidity test
Temperature : 402J Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1255J Applied current : Per spec. Time : 96 hours
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
SMD TOROIDAL POWER FILTER UL CARDG
ABC'S DWG NO. ABC'S ITEM NO.
ST1209L-
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Mark Dsg ____
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
BC
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
Coat Typ
OC ____
____
ANSI Type
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
Mtl Dsg
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mark Dsg ____
____ ____ ____ ____ ____
BC
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
Coat Typ
OC
Polyamide ____ ____ ____ Nylon Polyamide
ANSI Type
MW80C MW2-C ___ MW75C MW28-C MW28-C
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark.
a P q 1/2u
or
, material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AR-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 7
SMD TOROIDAL POWER FILTER
ABC'S DWG NO. ABC'S ITEM NO.
ST1209L-
QMFZ2
Wednesday,January 22, 2003 E54700
H W I -- 4 0 -- 0 0 H A I -- 1 0 -- 0 0 H V T R 4 4 4 4 4 4 D 4 9 5 5 5 5 5 5 5 C T I 4 4 4 4 4 4
Component-Plastics CHEVRON PHILLIPS CHENICAL CO L P
UL94 RTI Min Flame Elec Mech Thk Mti Dsg Class Imp Str Col mm Polyphenylene sulfide (PPS), glass reintorced, designated "RYTON", furnished as pellets. R-4-230NA NC 0.38 0.71 1.5 1.8 3.0 6.0 V-0 V-0 V-0 5VA V-0, 5VA V-0, 5VA 130 200 220 220 220 220 130 200 200 200 200 200 130 200 220 220 220 220
Sunday,August 23, 1998
Polyphenylene sulfide (PPS), glass reintorced, mineral reinforced, designated "RYTON", furnished as pellets. R-7 NC,BK,TN 0.71 1.5 3.0 6.0 V-0 V-0 V-0 V-0 200 220 220 220 200 220 220 220 200 220 220 220
R
1 1 1 --
0 0 0 --
0 0 0 0
5 5 5 5
3 3 3 3
Underwriters Laboratories Inc.
AR-001A


▲Up To Search▲   

 
Price & Availability of ST1209330ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X